Part Number Hot Search : 
NAS1581 9980A 06033 CMR60 GT60M324 K4H5116 MP8003A 1N288
Product Description
Full Text Search
 

To Download 167103M630C-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Radial Box Metallized Polyester Capacitors for Automatic Insertion
Type 167/184 Metallized Polyester Radial Lead Capacitors
The Type 167/184 series radial lead metallized polyester box capacitors are available in bulk (Type 167) or on ammo pack or radial tape and reel (Type 184). These capacitors are constructed in rugged rectangular plastic cases and all come with 7.5 mm (0.3") lead spacing. They are good for general purpose applications such as bypass, decoupling, energy storage/discharge and arc suppression.
Highlights
* * * * * * Rugged plastic case Case and epoxy fill meets UL94V0 7.5 mm (0.3") lead spacing Bulk, tape and reel or ammo pack Non-inductively wound Non-polar
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Withstand Voltage:
Dissipation Factor (DF):
RoHS Compliant
0.001 F to 1.0 F
63 Vdc to 630 Vdc (40 Vac to 250 Vac, 60 Hz)
5%, 10%, 20%
-55 C to +125 C (with 50% Vdc derating >85 C)
1.6 x rated voltage for 2 sec @ +25 C 5 C
tan x 10-4 at 25 C 5 C
kHz 1 10 tan x 10-4 100 150
Total Self Inductance (L): Approximately 8 nH
Maximum Pulse Rise Time (dv/dt):
Vn 63 100 250 400 630 V/s 12 20 32 41 70
If the working voltage (V) is less than the nominal voltage (Vn), the capacitor can work at higher dv/dt. In this case, the maximum value allowed is obtained by multiplying the above value with the ratio Vn/V.
Long Term Stability (after two years) Storage Performance Capacitance Change C/C Standard Environmental Conditions 3%
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type 167/184 Metallized Polyester Radial Lead Capacitors
Capacitor Outline Drawing
L Max
H
Max
.217 .039 (5.5 1.0 mm) S .015 (0.4 mm) Od .002 (0.05) Max
T
Lead length shown is as supplied on 167 Series
Soldering Test Conditions Soldering Temperature 260 C 5 C Soldering Duration 10 sec 1 sec Performance Capacitance Change C/C 2% DF Change tg 30 x 10-4 at 10 kHz Insulation Resistance limit value
Ratings
Cap (F) Catalog Part Number Tape & Reel Ammo Pack L T
Insulation Resistance Test Conditions Temperature 25 C 5 C 1 minute Voltage Charge Time Voltage Charge 50 Vdc for Vn < 100 Vdc 100 Vdc for Vn 100 Vdc Performance For Vn > 100 Vdc 30,000 M (50,000 M typical) For Vn 100 Vdc 10,000 M for C 0.1F 1,000 M x F for > 0.1F Damp Heat Test Test Conditions Temperature +40 C Relative Humidity 95% 21 days Test Duration Performance Capacitance Change C/C 5% DF Change tg 50 x 104 at 1 kHz Insulation Resistance 50% of limit value Life Test Test Conditions Temperature +85 C Test Duration 1000 hrs Voltage Applied 1.25 x Vn Performance Capacitance Change C/C 5% DF Change tg 30 x 10-4 at 10 kHz Insulation Resistance 50% of limit value
Test Method and Performance
RoHS Compliant
Inches H S Od L T 63 Vdc / 40 Vac Millimeters H S Od
.068 .10 .15 .22 .27 .33 .47 .68 1.00
167683*63A-F 167104*63A-F 167154*63A-F 167224*63A-F 167274*63A-F 167334*63A-F 167474*63B-F 167684*63C-F 167105*63C-F
184683*63#A>-F 184104*63#A>-F 184154*63#A>-F 184224*63#A>-F 184274*63#A>-F 184334*63#A>-F 184474*63#B>-F 184684*63#C>-F 184105*63#C>-F
0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413
0.138 0.138 0.138 0.138 0.138 0.138 0.157 0.197 0.197
0.276 0.276 0.276 0.276 0.276 0.276 0.354 0.433 0.433
0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295
0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024
10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5
3.5 3.5 3.5 3.5 3.5 3.5 4.0 5.0 5.0
7.0 7.0 7.0 7.0 7.0 7.0 9.0 11.0 11.0
7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5
0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6
100 Vdc / 63 Vac .033 .047 .068 .10 .12 .15 .22 .33 167333*100A-F 167473*100A-F 167683*100A-F 167104*100A-F 167124*100B-F 167154*100B-F 167224*100C-F 167334*100C-F 184333*100#A>-F 184473*100#A>-F 184683*100#A>-F 184104*100#A>-F 184124*100#B>-F 184154*100#B>-F 184224*100#C>-F 184334*100#C>-F 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.138 0.138 0.138 0.138 0.157 0.157 0.197 0.197 0.276 0.276 0.276 0.276 0.354 0.354 0.433 0.433 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 3.5 3.5 3.5 3.5 4.0 4.0 5.0 5.0 7.0 7.0 7.0 7.0 9.0 9.0 11.0 11.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6
* Indicates capacitance tolerance: J = 5%, K = 10%, M = 20% # Indicates packaging type: R = Tape and Reel, A = Ammo Pack > Indicates tooling code: A = 16.5 mm, B = 18.5 mm, C = 16.0 mm (See H dimension in taping specifications)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type 167/184 Metallized Polyester Radial Lead Capacitors
Cap (F) .010 .015 .018 .022 .027 .033 .039 .047 .068 .100 .0047 .0056 .0068 .010 .015 .022 .033 .0010 .0015 .0022 .0033 .0047 .0068 .010 .015 Catalog Part Number Tape & Reel Ammo Pack Inches L 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 0.413 T 0.138 0.138 0.138 0.138 0.157 0.157 0.157 0.157 0.197 0.197 0.138 0.138 0.138 0.138 0.157 0.197 0.197 0.138 0.138 0.138 0.138 0.157 0.157 0.197 0.236 H 0.276 0.276 0.276 0.276 0.354 0.354 0.354 0.354 0.433 0.433 0.276 0.276 0.276 0.276 0.354 0.433 0.433 0.276 0.276 0.276 0.276 0.354 0.354 0.433 0.472 S 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 0.295 Od 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 L 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 T 3.5 3.5 3.5 3.5 4.0 4.0 4.0 4.0 5.0 5.0 3.5 3.5 3.5 3.5 4.0 5.0 5.0 3.5 3.5 3.5 3.5 4.0 4.0 5.0 6.0 250 Vdc / 160 Vac 167103*250A-F 184103*250#A>-F 167153*250A-F 184153*250#A>-F 167183*250A-F 184183*250#A>-F 167223*250A-F 184223*250#A>-F 167273*250B-F 184273*250#B>-F 167333*250B-F 184333*250#B>-F 167393*250B-F 184393*250#B>-F 167473*250B-F 184473*250#B>-F 167683*250C-F 184683*250#C>-F 167104*250C-F 184104*250#C>-F 167472*400A-F 184472*400#A>-F 167562*400A-F 184562*400#A>-F 167682*400A-F 184682*400#A>-F 167103*400A-F 184103*400#A>-F 167153*400B-F 184153*400#B>-F 167223*400C-F 184223*400#C>-F 167333*400C-F 184333*400#C>-F 167102*630A-F 184102*630#A>-F 167152*630A-F 184152*630#A>-F 167222*630A-F 184222*630#A>-F 167332*630A-F 184332*630#A>-F 167472*630B-F 184472*630#B>-F 167682*630B-F 184682*630#B>-F 167103*630C-F 184103*630#C>-F 167153*630D-F 184153*630#D>-F 7.0 7.0 7.0 7.0 9.0 9.0 9.0 9.0 11.0 11.0 7.0 7.0 7.0 7.0 9.0 11.0 11.0 7.0 7.0 7.0 7.0 9.0 9.0 11.0 12.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 Millimeters H S Od
400 Vdc / 200 Vac
630 Vdc / 220 Vac
* Indicates capacitance tolerance: J = 5%, K = 10%, M = 20%
# Indicates packaging type: R = Tape and Reel, A = Ammo Pack
> Indicates tooling code: A = 16.5 mm, B = 18.5 mm, C = 16.0 mm (See H dimension in taping specification)
Part Numbering System for Bulk Items
167 Series 167 104 K 100 Voltage 63 = 63 Vdc 100 = 100 Vdc 250 = 250 Vdc 630 = 630 Vdc A Case Capacitance Tolerance 392 = .0039 F J = 5% 103 = .01 F 104 = .1 F 105 = 1.0 F K = 10% M = 20% Code A B C D -F RoHS Compliant Designator
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type 167/184 Metallized Polyester Radial Lead Capacitors
Tape Specification - 7.5 mm Lead Spacing
30 mm 1.18"
P1
H 331 mm 13.04"
Reel Packing
W2
Od
W
Wo
P
Po
Do 47 mm Max 1.85" 335 mm Max 13.19"
Item Lead-Wire Diameter Lead-to-Lead Distance Feed Hole Pitch Pitch of Component Hole Center to Lead Component Alignment, F-R Tape Width Hold-down Tape Width Hole Position Hold-down Tape Position Height of Component from Tape Center Feed Hole Diameter
Code Od P P0 P1 P2 h W W0 W1 W2 H D0
Millimeters 0.6+0.04 -0.01 7.5+0.6 -0.2 2.70.3 12.71.0 8.950.7 02.0 18+1.0 -0.1 6.0 min 9.0 > 4.00.3
+0.75 -0.05
Inches .024.001 .295+.024 -.040 .5.012 .5.039 .352.028 0.079 .709+.039 -.004 .236 min .355+.030 -.001 .118 Max > .157.012
Case Code A B C D
Quantity Reeled 1800 1500 1200 1000
280 mm Max 11.02"
Ammo Box Packing
H
W1
Quantity Ammo Pack 1500 1500 1000 1000
> The H dimension depends on the insertion equipment used. Specify the proper tooling code as indicated below.
Tooling Code A B C H Dimensions Millimeters 16.50.75 18.50.75 16.0
0.75
3.0 Max
Inches .679.030 .728.030 .630030
Part Numbering System for Auto Insertion
184 104 K 100 R Packaging Type Series Capacitance Tolerance 184 392 = .0039 F J = 5% 103 = .01 F 104 = .1 F 105 = 1.0 F K = 10% M = 20% Voltage 63 = 63 Vdc 100 = 100 Vdc 250 = 250 Vdc 630 = 630 Vdc * Tooling code is at the discretion of the user depending on the insertion equipment being used. See table for specific "H" dimensions (#) A = Ammo R = Tape & Reel Case Code A B C D A B *Tooling Code (>) A B C -F RoHS Compliant Designator
* Tooling code (>) depends on the users insertion equipment requirements. See table for available options.
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 167103M630C-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X